|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ADSL Filter Inductors 7191 - 7194 * Low cost through hole design * Designed for use in ADSL applications where filtering is required * Balanced winding * Operating temperature range: -40C to +85C * Units can withstand 100A surge of 10/700 s pulse * Flame retardant UL 94 V-0 Mechanical and Schematic (All dimensions in inches) PCB LAYOUT .650 Max 1 4 .100 Typ .540 Max SCHEMATIC 1 4 719X F/DC 3 2 O.043 Typ .100 Typ .455 Max .173 .012 .098 Min .016 SQ Typ or O.022 Typ .012 X .018 Typ UNLESS OTHERWISE SPECIFIED, ALL TOLERANCES ARE 0.010 ELECTRICAL SPECIFICATION @ 25C Turns Ratio 2% 7191-7194 Inductance (mH) (1-3) @ 10 kHz, 0.1 Vrms 3 - 3.3 2.4 - 2.65 4.3 - 4.73 7.6 - 8.4 (1-3) MIN 2.85 1 2.31 4.1 7.3 1 2 DCR () Part Number Leakage Inductance (H MAX) (4-2) 2.1 - 2.7 3.0 - 3.6 4.0 - 5.1 4.3 - 5.8 (1-3) @ 100 kHz, 0.1 Vrms 5 5 6 6 Dielectric Rating (Vrms) between (1-3) & (4-2) and 1, 2 and core 1000 1000 1000 1000 (1-3) : (4-2) @ 20 kHz, 1 Vrms 1:1 1:1 1:1 1:1 (1-3) 2.1 - 2.7 3.0 - 3.6 4.0 - 5.1 4.3 - 5.8 28/11/03 7191 7192 7193 7194 ISSUE: E 1. Measured @ 10 kHz, 0.1 Vrms, 100 mA DC 2. Measured @ 10 kHz, 0.1 Vrms, 40 mA DC 229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3 Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com An ISO 9001 Registered Company |
Price & Availability of 7194 |